Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPEAR320S Fiches technique(PDF) 99 Page - STMicroelectronics

No de pièce SPEAR320S
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S Fiches technique(HTML) 99 Page - STMicroelectronics

Back Button SPEAR320S Datasheet HTML 95Page - STMicroelectronics SPEAR320S Datasheet HTML 96Page - STMicroelectronics SPEAR320S Datasheet HTML 97Page - STMicroelectronics SPEAR320S Datasheet HTML 98Page - STMicroelectronics SPEAR320S Datasheet HTML 99Page - STMicroelectronics SPEAR320S Datasheet HTML 100Page - STMicroelectronics SPEAR320S Datasheet HTML 101Page - STMicroelectronics SPEAR320S Datasheet HTML 102Page - STMicroelectronics SPEAR320S Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 113 page
background image
SPEAr320S
Timing requirements
Doc ID 022508 Rev 2
99/113
Table 74.
SPI master mode timing characteristics (SPH = 0, SPO=0)
Symbol
Parameters
Min
Max
Unit
TSU
Setup time, MISO (input) valid before SSP_SCK
(output) rising edge
SSP0
7.8
ns
SSP1
16
SSP2
15.55
TH
Hold time, MISO (input) valid after SSP_SCK
(output) rising edge
SSP0
-2.7
SSP1
-4
SSP2
-4.6
TD1
Delay time, SSP_SS#n (output) falling edge to first
SSP_SCK (output) rising edge
SSP0
TSSP_SCK-10
TSSP_SCK-3
ns
SSP1
TSSP_SCK-6.4
TSSP_SCK-0.9
SSP2
TSSP_SCK-5.87
TSSP_SCK-0.03
TD2
Delay time, SSP_SCK (output) falling edge to
MOSI (output) transition
SSP0
2.7
9.5
ns
SSP1
0.57
5.34
SSP2
0.2
5.53
TD3
Delay time, SSP_SCK (output) falling edge to
SSP_SS#n (output) rising edge
SSP0
(TSSP_SCK /2)+ 3
(TSSP_SCK/2) +8
SSP1 (TSSP_SCK /2)+ 0.9 (TSSP_SCK/2) +6.4
SSP2 (TSSP_SCK /2)-0.03 (TSSP_SCK/2) +5.87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More