| Moteur de recherche de fiches techniques de composants électroniques |
|
SPEAR320S Fiches technique(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPEAR320S Fiches technique(HTML) 54 Page - STMicroelectronics |
|
54 / 113 page ![]() Pin description SPEAr320S 54/113 Doc ID 022508 Rev 2 UART1_RTS UART1 request to send modem status output O PL_GPIO_43/E9 3, Extended PL_GPIO_31/C7 4, Extended PL_GPIO_80/D16 Extended mode PL_GPIO_2/E4 UART1_RX UART1 received serial data input I PL_GPIO_28/A6 1, 2, 3, 4, Extended UART1_TX UART1 transmitted serial data output O PL_GPIO_29/A7 1, 2, 3, 4, Extended UART2 UART2_RX UART2 received serial data input I PL_GPIO_0/F3 1, 2, 3, 4, Extended UART2_TX UART2 transmitted serial data output O PL_GPIO_1/E3 1, 2, 3, 4, Extended UART3 UART3_RX UART3 received serial data input I PL_GPIO_15/B3 2, Extended PL_GPIO_8/C2 PL_GPIO_41/C9 3, Extended PL_GPIO_94/H13 4, Extended PL_GPIO_73/A17 Extended mode PL_GPIO_52/B12 PL_CLK2/J17 UART3_TX UART3 transmitted serial data output O PL_GPIO_16/E6 2, Extended PL_GPIO_9/B2 PL_GPIO_42/D9 3, Extended PL_GPIO_95/H14 4, Extended PL_GPIO_74/C16 Extended mode PL_GPIO_53/D11 PL_CLK1/K17 UART4 UART4_RX UART4 received serial data input I PL_GPIO_13/A1 2, Extended PL_GPIO_6/B1 PL_GPIO_39/A9 3, Extended PL_GPIO_92/G16 4, Extended I PL_GPIO_71/D14 Extended mode PL_CLK4/H17 Table 21. UART signals description (continued) Signal name Description Dir. PL_GPIO_# /Ball Configuration mode |