Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RPC564L60L5COSR Fiches technique(PDF) 47 Page - STMicroelectronics

No de pièce RPC564L60L5COSR
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC564L60L5COSR Fiches technique(HTML) 47 Page - STMicroelectronics

Back Button RPC564L60L5COSR Datasheet HTML 43Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 44Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 45Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 46Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 47Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 48Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 49Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 50Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 137 page
background image
DocID026934 Rev 1
47/137
RPC56EL60L5
Package pinouts and signal descriptions
136
A11
H[10]
SIUL
GPIO[122]
GPIO[122]
FlexPWM_1
X[2]
X[2]
eTimer_2
ETC[2]
ETC[2]
A12
H[14]
SIUL
GPIO[126]
GPIO[126]
FlexPWM_1
A[3]
A[3]
eTimer_2
ETC[4]
ETC[4]
A13
A[10]
SIUL
GPIO[10]
GPIO[10]
DSPI_2
CS0
CS0
FlexPWM_0
B[0]
B[0]
FlexPWM_0
X[2]
X[2]
SIUL
—
EIRQ[9]
A14
B[2]
SIUL
GPIO[18]
GPIO[18]
LINFlexD_0
TXD
—
SSCM
DEBUG[2]
—
SIUL
—
EIRQ[17]
A15
C[10]
SIUL
GPIO[42]
GPIO[42]
DSPI_2
CS2
—
FlexPWM_0
A[3]
A[3]
FlexPWM_0
—
FAULT[1]
A16
VSS_HV_IO_RING
—
A17
VSS_HV_IO_RING
—
B1
VSS_HV_IO_RING
—
B2
VSS_HV_IO_RING
—
B3
B[6]
SIUL
GPIO[22]
GPIO[22]
MC_CGM
clk_out
—
DSPI_2
CS2
—
SIUL
—
EIRQ[18]
B4
A[14]
SIUL
GPIO[14]
GPIO[14]
FlexCAN_1
TXD
—
eTimer_1
ETC[4]
ETC[4]
SIUL
—
EIRQ[13]
B5
F[3]
SIUL
GPIO[83]
GPIO[83]
DSPI_0
CS6
—
Table 4. LFBGA257 pin function summary (continued)
Pin #
Port/function
Peripheral
Output function
Input function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More