Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RPC564L60L5COSR Fiches technique(PDF) 34 Page - STMicroelectronics

No de pièce RPC564L60L5COSR
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC564L60L5COSR Fiches technique(HTML) 34 Page - STMicroelectronics

Back Button RPC564L60L5COSR Datasheet HTML 30Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 31Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 32Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 33Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 34Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 35Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 36Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 37Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 137 page
background image
Package pinouts and signal descriptions
RPC56EL60L5
34/137
DocID026934 Rev 1
Figure 3. RPC56EL60L5 LFBGA257 pinout (top view)
Table 3, and Table 4 provide the pin function summaries for the 144-pin, and 257-pin
packages, respectively, listing all the signals multiplexed to each pin.
12
345
6789
10
11
12
13
14
15
16
17
A
VSS_HV
_IO
VSS_HV
_IO
VDD_HV
_IO
H[2]
H[0]
G[14]
D[3]
C[15]
VDD_HV
_IO
A[12]
H[10]
H[14]
A[10]
B[2]
C[10]
VSS_HV
_IO
VSS_HV
_IO
B
VSS_HV
_IO
VSS_HV
_IO
B[6]
A[14]
F[3]
A[9]
D[4]
D[0]
VSS_HV
_IO
H[12]
E[15]
E[14]
B[3]
F[13]
B[0]
VDD_HV
_IO
VSS_HV
_IO
C
VDD_HV
_IO
NC(1)
VSS_HV
_IO
FCCU_
F[1]
D[2]
A[13]
VDD_HV
_REG_2
VDD_HV
_REG_2
I[0]
JCOMP
H[11]
I[1]
F[14]
B[1]
VSS_HV
_IO
A[4]
F[12]
D
F[5]
F[4]
A[15]
C[6]
VSS_LV_
COR
VDD_LV_
COR
F[0]
VDD_HV
_IO
VSS_HV
_IO
NC
A[11]
E[13]
F[15]
VDD_HV
_IO
VPP
_TEST
D[14]
G[3]
E
MDO0
F[6]
D[1]
NMI
NC
C[14]
G[2]
I[3]
F
H[1]
G[12]
A[7]
A[8]
VDD_LV_
COR
VDD_LV_
COR
VDD_LV_
COR
VDD_LV_
COR
VDD_LV_
COR
VDD_LV_
COR
VDD_LV_
COR
NC
C[13]
I[2]
G[4]
G
H[3]
VDD_HV
_IO
C[5]
A[6]
VDD_LV_
COR
VSS_LV_
COR
VSS_LV_
COR
VSS_LV_
COR
VSS_LV_
COR
VSS_LV_
COR
VDD_LV_
COR
D[12]
H[13]
H[9]
G[6]
H
G[13]
VSS_HV
_IO
C[4]
A[5]
VDD_LV VSS_LV VSS_LV VSS_LV VSS_LV VSS_LV VDD_LV
VSS_LV
VDD_HV
_REG_1
VDD_HV
_FLA
H[6]
J
F[7]
G[15]
VDD_HV
_REG_0
VDD_HV
_REG_0
VDD_LV VSS_LV VSS_LV VSS_LV VSS_LV VSS_LV VDD_LV
VDD_LV
VDD_HV
_REG_1
VSS_HV
_FLA
H[15]
K
F[9]
F[8]
C[7]
VDD_LV VSS_LV VSS_LV VSS_LV VSS_LV VSS_LV VDD_LV
NC
H[8]
H[7]
A[3]
L
F[10]
F[11]
D[9]
NC
VDD_LV VSS_LV VSS_LV VSS_LV VSS_LV VSS_LV VDD_LV
NC
TCK
H[4]
B[4]
M
VDD_HV
_OSC
VDD_HV
_IO
D[8]
NC
VDD_LV VDD_LV VDD_LV VDD_LV VDD_LV VDD_LV VDD_LV
C[11]
B[5]
TMS
H[5]
N
XTAL
VSS_HV
_IO
D[5]
VSS_LV_
PLL
NC
C[12]
A[2]
G[5]
P
VSS_HV
_OSC
RESET
D[6]
VDD_LV_
PLL
VDD_LV_
COR
VSS_LV_
COR
B[8]
NC
VSS_HV
_IO
VDD_HV
_IO
B[14]
VDD_LV_
COR
VSS_LV_
COR
VDD_HV
_IO
G[10]
G[8]
G[7]
R
EXTAL
FCCU
_F[0]
VSS_HV
_IO
D[7]
B[7]
E[6]
VDD_HV
_ADR0
B[10]
VDD_HV
_ADR1
B[13]
B[15]
C[0]
BCTRL
A[1]
VSS_HV
_IO
D[11]
G[9]
T
VSS_HV
_IO
VDD_HV
_IO
NC
C[1]
E[5]
E[7]
VSS_HV
_ADR0
B[11]
VSS_HV
_ADR1
E[9]
E[10]
E[12]
E[0]
A[0]
D[10]
VDD_HV
_IO
VSS_HV
_IO
U
VSS_HV
_IO
VSS_HV
_IO
NC
E[4]
C[2]
E[2]
B[9]
B[12]
VDD_HV
_ADV
VSS_HV
_ADV
E[11]
NC
NC
VDD_HV
_PMU
G[11]
VSS_HV
_IO
VSS_HV
_IO
12
345
6789
10
11
12
13
14
15
16
17
1.
NC = Not connected (the pin is physically not connected to anything on the device)
Table 3. LQFP144 pin function summary
Pin #
Port/function
Peripheral
Output function
Input function
1NMI
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More