Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RPC564L60L5COSR Fiches technique(PDF) 60 Page - STMicroelectronics

No de pièce RPC564L60L5COSR
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC564L60L5COSR Fiches technique(HTML) 60 Page - STMicroelectronics

Back Button RPC564L60L5COSR Datasheet HTML 56Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 57Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 58Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 59Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 60Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 61Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 62Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 63Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 137 page
background image
Package pinouts and signal descriptions
RPC56EL60L5
60/137
DocID026934 Rev 1
R16
D[11]
SIUL
GPIO[59]
GPIO[59]
FlexPWM_0
B[0]
B[0]
eTimer_0
—
ETC[1]
R17
G[9]
SIUL
GPIO[105]
GPIO[105]
FlexRay
DBG1
—
DSPI_1
CS1
—
FlexPWM_0
—
FAULT[1]
SIUL
—
EIRQ[29]
T1
VSS_HV_IO_RING
—
T2
VDD_HV_IO_RING
—
T3
Not connected
—
T4
C[1]
SIUL
—
GPIO[33]
ADC_0
—
AN[2]
T5
E[5]
SIUL
—
GPIO[69]
ADC_0
—
AN[8]
T6
E[7]
SIUL
—
GPIO[71]
ADC_0
—
AN[6]
T7
VSS_HV_ADR0
—
T8
B[11]
SIUL
—
GPIO[27]
ADC_0
ADC_1
—AN[13]
T9
VSS_HV_ADR1
—
T10
E[9]
SIUL
—
GPIO[73]
ADC_1
—
AN[7]
T11
E[10]
SIUL
—
GPIO[74]
ADC_1
—
AN[8]
T12
E[12]
SIUL
—
GPIO[76]
ADC_1
—
AN[6]
T13
E[0]
SIUL
—
GPIO[64]
ADC_1
—
AN[5]
T14
A[0]
SIUL
GPIO[0]
GPIO[0]
eTimer_0
ETC[0]
ETC[0]
DSPI_2
SCK
SCK
SIUL
—
EIRQ[0]
Table 4. LFBGA257 pin function summary (continued)
Pin #
Port/function
Peripheral
Output function
Input function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More