Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RPC564L60L5COSR Fiches technique(PDF) 77 Page - STMicroelectronics

No de pièce RPC564L60L5COSR
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC564L60L5COSR Fiches technique(HTML) 77 Page - STMicroelectronics

Back Button RPC564L60L5COSR Datasheet HTML 73Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 74Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 75Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 76Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 77Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 78Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 79Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 80Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 137 page
background image
DocID026934 Rev 1
77/137
RPC56EL60L5
Package pinouts and signal descriptions
136
E[10]
PCR[74
]
SIUL
—
ALT0
GPI[74]
—
——
—
63
T11
ADC_1
—
—
AN[8](3)
—
E[11]
PCR[75
]
SIUL
—
ALT0
GPI[75]
—
——
—
65
U1
1
ADC_1
—
—
AN[4](3)
—
E[12]
PCR[76
]
SIUL
—
ALT0
GPI[76]
—
——
—
67
T12
ADC_1
—
—
AN[6](3)
—
E[13]
PCR[77
]
SIUL
GPIO[77]
ALT0
GPIO[77]
—
—M
S
117
D1
2
eTimer_0
ETC[5]
ALT1
ETC[5]
PSMI[8];
PADSEL=
1
DSPI_2
CS3
ALT2
—
—
SIUL
—
—
EIRQ[25]
—
E[14]
PCR[78
]
SIUL
GPIO[78]
ALT0
GPIO[78]
—
—M
S
119
B1
2
eTimer_1
ETC[5]
ALT1
ETC[5]
PSMI[14];
PADSEL=
3
SIUL
—
—
EIRQ[26]
—
E[15]
PCR[79
]
SIUL
GPIO[79]
ALT0
GPIO[79]
—
—M
S
121 B11
DSPI_0
CS1
ALT1
—
—
SIUL
—
—
EIRQ[27]
—
Port F
F[0]
PCR[80
]
SIUL
GPIO[80]
ALT0
GPIO[80]
—
—M
S
133 D7
FlexPWM_0
A[1]
ALT1
A[1]
PSMI[21];
PADSEL=
2
eTimer_0
—
—
ETC[2]
PSMI[37];
PADSEL=
1
SIUL
—
—
EIRQ[28]
—
F[3]
PCR[83
]
SIUL
GPIO[83]
ALT0
GPIO[83]
—
—M
S
139
B5
DSPI_0
CS6
ALT1
—
—
F[4]
PCR[84
]
SIUL
GPIO[84]
ALT0
GPIO[84]
—
—F
S
4
D2
NPC
MDO[3]
ALT2
—
—
Table 7. Pin muxing (continued)
Port
name
PCR
Peripheral
Alternate
output
function
Output
mux sel
Input
functions
Input
mux
select
Weak pull
config
during
reset
Pad
speed(1)
Pin #
SR
C
= 1
SR
C
= 0
144
pk
g
257
pk
g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More