| Moteur de recherche de fiches techniques de composants électroniques |
|
RPC564L60L5COSR Fiches technique(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RPC564L60L5COSR Fiches technique(HTML) 39 Page - STMicroelectronics |
|
39 / 137 page ![]() DocID026934 Rev 1 39/137 RPC56EL60L5 Package pinouts and signal descriptions 136 64 B[14] SIUL — GPIO[30] eTimer_0 — ETC[4] SIUL — EIRQ[19] ADC_1 — AN[1] 65 E[11] SIUL — GPIO[75] ADC_1 — AN[4] 66 C[0] SIUL — GPIO[32] ADC_1 — AN[3] 67 E[12] SIUL — GPIO[76] ADC_1 — AN[6] 68 E[0] SIUL — GPIO[64] ADC_1 — AN[5] 69 BCTRL — 70 VDD_LV_COR — 71 VSS_LV_COR — 72 VDD_HV_PMU — 73 A[0] SIUL GPIO[0] GPIO[0] eTimer_0 ETC[0] ETC[0] DSPI_2 SCK SCK SIUL — EIRQ[0] 74 A[1] SIUL GPIO[1] GPIO[1] eTimer_0 ETC[1] ETC[1] DSPI_2 SOUT — SIUL — EIRQ[1] 75 G[11] SIUL GPIO[107] GPIO[107] FlexRay DBG3 — FlexPWM_0 — FAULT[3] 76 D[10] SIUL GPIO[58] GPIO[58] FlexPWM_0 A[0] A[0] eTimer_0 — ETC[0] 77 G[10] SIUL GPIO[106] GPIO[106] FlexRay DBG2 — DSPI_2 CS3 — FlexPWM_0 — FAULT[2] Table 3. LQFP144 pin function summary (continued) Pin # Port/function Peripheral Output function Input function |