Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RPC564L60L5COSR Fiches technique(PDF) 55 Page - STMicroelectronics

No de pièce RPC564L60L5COSR
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC564L60L5COSR Fiches technique(HTML) 55 Page - STMicroelectronics

Back Button RPC564L60L5COSR Datasheet HTML 51Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 52Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 53Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 54Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 55Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 56Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 57Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 58Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 137 page
background image
DocID026934 Rev 1
55/137
RPC56EL60L5
Package pinouts and signal descriptions
136
J12
VDD_LV
—
J14
VDD_LV
—
J15
VDD_HV_REG_1
—
J16
VSS_HV_FLA
—
J17
H[15]
SIUL
GPIO[127]
GPIO[127]
FlexPWM_1
B[3]
B[3]
eTimer_2
ETC[5]
ETC[5]
K1
F[9]
SIUL
GPIO[89]
GPIO[89]
NPC
MSEO[0]
—
K2
F[8]
SIUL
GPIO[88]
GPIO[88]
NPC
MSEO[1]
—
K3
RDY
NPC
RDY
—
SIUL
GPIO[132]
GPIO[132]
K4
C[7]
SIUL
GPIO[39]
GPIO[39]
FlexPWM_0
A[1]
A[1]
SSCM
DEBUG[7]
—
DSPI_0
—
SIN
K6
VDD_LV
—
K7
VSS_LV
—
K8
VSS_LV
—
K9
VSS_LV
—
K10
VSS_LV
—
K11
VSS_LV
—
K12
VDD_LV
—
K14
Not connected
—
K15
H[8]
SIUL
GPIO[120]
GPIO[120]
FlexPWM_1
A[1]
A[1]
DSPI_0
CS6
—
K16
H[7]
SIUL
GPIO[119]
GPIO[119]
FlexPWM_1
X[1]
X[1]
eTimer_2
ETC[1]
ETC[1]
Table 4. LFBGA257 pin function summary (continued)
Pin #
Port/function
Peripheral
Output function
Input function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More