Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RPC564L60L5COSR Fiches technique(PDF) 58 Page - STMicroelectronics

No de pièce RPC564L60L5COSR
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC564L60L5COSR Fiches technique(HTML) 58 Page - STMicroelectronics

Back Button RPC564L60L5COSR Datasheet HTML 54Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 55Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 56Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 57Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 58Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 59Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 60Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 61Page - STMicroelectronics RPC564L60L5COSR Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 137 page
background image
Package pinouts and signal descriptions
RPC56EL60L5
58/137
DocID026934 Rev 1
N17
G[5]
SIUL
GPIO[101]
GPIO[101]
FlexPWM_0
X[3]
X[3]
DSPI_2
CS3
—
P1
VSS_HV_OSC
—
P2
RESET
—
P3
D[6]
SIUL
GPIO[54]
GPIO[54]
DSPI_0
CS2
—
FlexPWM_0
X[3]
X[3]
FlexPWM_0
—
FAULT[1]
P4
VDD_LV_PLL0_PLL1
—
P5
VDD_LV_CORE_RING
—
P6
VSS_LV_CORE_RING
—
P7
B[8]
SIUL
—
GPIO[24]
eTimer_0
—
ETC[5]
ADC_0
—
AN[1]
P8
Not connected
—
P9
VSS_HV_IO_RING
—
P10
VDD_HV_IO_RING
—
P11
B[14]
SIUL
—
GPIO[30]
eTimer_0
—
ETC[4]
SIUL
—
EIRQ[19]
ADC_1
—
AN[1]
P12
VDD_LV_CORE_RING
—
P13
VSS_LV_CORE_RING
—
P14
VDD_HV_IO_RING
—
P15
G[10]
SIUL
GPIO[106]
GPIO[106]
FlexRay
DBG2
—
DSPI_2
CS3
—
FlexPWM_0
—
FAULT[2]
P16
G[8]
SIUL
GPIO[104]
GPIO[104]
FlexRay
DBG0
—
DSPI_0
CS1
—
FlexPWM_0
—
FAULT[0]
SIUL
—
EIRQ[21]
Table 4. LFBGA257 pin function summary (continued)
Pin #
Port/function
Peripheral
Output function
Input function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More