| Moteur de recherche de fiches techniques de composants électroniques |
|
Z86L7208FSC Fiches technique(PDF) 68 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z86L7208FSC Fiches technique(HTML) 68 Page - Zilog, Inc. |
|
68 / 71 page ![]() Z86C72/C92/L72/L92 IR Microcontroller Zilog 6-68 P R E L I M I N A R Y DS97LVO0900 Figure 56. Interrupt Request Register ((0) FAH: Read/Write) Figure 57. Interrupt Mask Register ((0) FBH: Read/Write) Figure 58. Flag Register ((0) FCH: Read/Write) D7 D6 D5 D4 D3 D2 D1 D0 R250 IRQ Inter Edge P31 ↓ P32 ↓ = 00 P31 ↓ P32 ↑ = 01 P31 ↑ P32 ↓ = 10 P31 ↑↓ P32 ↑↓ = 11 IRQ0 = P32 Input IRQ1 = P33 Input IRQ2 = P31 Input IRQ3 = T16 IRQ4 = T8 Reserved (Must be 0) Default Setting After Reset = 0000 0000 D7 D6 D5 D4 D3 D2 D1 D0 Reserved (Must be 0) 1 Enables IRQ4-IRQ0 (D0 = IRQ0) 0 Master Interrupt Disable* 1 Master Interrupt Enable R251 IMR * Default Setting After Reset Reserved (Must be 0) D7 D6 D5 D4 D3 D2 D1 D0 User Flag F1 User Flag F2 Half Carry Flag Decimal Adjust Flag Overflow Tag Sign Flag Zero Flag Carry Flag R252 Flags Figure 59. Register Pointer ((0) FDH: Read/Write) Figure 60. Stack Pointer High ((0) FEH: Read/Write) Figure 61. Stack Pointer Low ((0) FFH: Read/Write) D7 D6 D5 D4 D3 D2 D1 D0 Expanded Register Bank Pointer Working Register Pointer R253 RP Default Setting After Reset = 0000 0000 D7 D6 D5 D4 D3 D2 D1 D0 Stack Pointer Upper Byte (SP15-SP8) R254 SPH D7 D6 D5 D4 D3 D2 D1 D0 Stack Pointer Lower Byte (SP7-SP0) R255 SPL |