Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Z86L7208FSC Fiches technique(PDF) 49 Page - Zilog, Inc.

No de pièce Z86L7208FSC
Description  IR MICROCONTROLLER
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZILOG [Zilog, Inc.]
Site Internet  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L7208FSC Fiches technique(HTML) 49 Page - Zilog, Inc.

Back Button Z86L7208FSC Datasheet HTML 45Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 46Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 47Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 48Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 49Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 50Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 51Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 52Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 53Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 71 page
background image
Z86C72/C92/L72/L92
Zilog
IR Microcontroller
DS97LVO0900
P R E L I M I N A R Y
6-49
1
Interrupts. The Z86L7X/CX2 has five different interrupts.
The interrupts are maskable and prioritized (Figure 35).
The five sources are divided as follows: three sources are
claimed by Port 3 lines P33-P31, the remaining two by the
counter/timers (Table 3). The Interrupt Mask Register glo-
bally or individually enables or disables the five interrupt
requests.
Figure 35. Interrupt Block Diagram
Interrupt
Edge
Select
IRQ Register (D6, D7)
IRQ 1, 3, 4
IRQ
IMR
IPR
Priority
Logic
5
Vector Select
IRQ0
IRQ2
Global
Interrupt
Enable
Interrupt
Request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71