Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Z86L7208FSC Fiches technique(PDF) 42 Page - Zilog, Inc.

No de pièce Z86L7208FSC
Description  IR MICROCONTROLLER
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZILOG [Zilog, Inc.]
Site Internet  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L7208FSC Fiches technique(HTML) 42 Page - Zilog, Inc.

Back Button Z86L7208FSC Datasheet HTML 38Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 39Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 40Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 41Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 42Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 43Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 44Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 45Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 46Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 71 page
background image
Z86C72/C92/L72/L92
IR Microcontroller
Zilog
6-42
P R E L I M I N A R Y
DS97LVO0900
Figure 27. Transmit Mode Flowchart
T8 (8-Bit)
Transmit Mode
T8_Enable Bit Set
CTR0, D7
No
Yes
CTRI, D1
Value
1
Load TC8L
Reset T8_OUT
Load TC8H
Set T8_OUT
Enable T8
Reset T8_Enable Bit
Set Time-out Status Bit
(CTR0 D5) and Generate
Timeout_Int If Enabled
No
T8_Timeout
Yes
Single Pass?
Modulo-N
T8_OUT Value
Load TC8L
Reset T8_OUT
Load TC8H
Set T8_OUT
Enable T8
No
T8_Timeout
Disable T8
Yes
Set Time-out Status Bit
(CTR0 D5) and Generate
Timeout_Int If Enabled
Single Pass
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71