| Moteur de recherche de fiches techniques de composants électroniques |
|
Z86L7208FSC Fiches technique(PDF) 47 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z86L7208FSC Fiches technique(HTML) 47 Page - Zilog, Inc. |
|
47 / 71 page ![]() Z86C72/C92/L72/L92 Zilog IR Microcontroller DS97LVO0900 P R E L I M I N A R Y 6-47 1 To Initiate Ping-Pong Mode First, make sure both counter/timers are not running. Then set T8 into Single-Pass Mode (CTR0 D6), set T16 into Sin- gle-Pass Mode (CTR2 D6), and set Ping-Pong Mode (CTR1 D2, D3). These instructions do not have to be in any particular order. Finally, start Ping-Pong Mode by en- abling either T8 (CTR0 D7) or T16 (CTR2 D7). During Ping-Pong Mode The enable bits of T8 and T16 (CTR0 D7, CTR2 D7) will alternately be set and cleared by hardware. The time-out bits (CTR0 D5, CTR2 D5) will be set every time the counter/timers reach the terminal count. Figure 33. T8_OUT and T16_OUT in Ping-Pong Mode TC8H Enable T8, T8_OUT Switches To Its Initial Value TC16H*256+TC16L T16_OUT Toggles T8_OUT TC8H TC16H*256+TC16L T16_OUT T16_OUT T16_OUT Switches To Its Initial Value When TC16 Is Enabled T8_OUT Toggles T8_OUT Toggles |