Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Z86L7208FSC Fiches technique(PDF) 48 Page - Zilog, Inc.

No de pièce Z86L7208FSC
Description  IR MICROCONTROLLER
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZILOG [Zilog, Inc.]
Site Internet  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L7208FSC Fiches technique(HTML) 48 Page - Zilog, Inc.

Back Button Z86L7208FSC Datasheet HTML 44Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 45Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 46Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 47Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 48Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 49Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 50Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 51Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 52Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 71 page
background image
Z86C72/C92/L72/L92
IR Microcontroller
Zilog
6-48
P R E L I M I N A R Y
DS97LVO0900
FUNCTIONAL DESCRIPTION (Continued)
Figure 34. Output Circuit
AND/OR/NOR/NAND
Logic
T8_OUT
CTR1 D5,D4
P34_INTERNAL
CTR0 D0
P36_INTERNAL
CTR1 D6
P35_INTERNAL
CTR2 D0
P35_EXT
P36_EXT
P34_EXT
MUX
MUX
MUX
T16_OUT
MUX
CTR1, D2
CTR1 D3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71