Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Z86L7208FSC Fiches technique(PDF) 65 Page - Zilog, Inc.

No de pièce Z86L7208FSC
Description  IR MICROCONTROLLER
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZILOG [Zilog, Inc.]
Site Internet  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L7208FSC Fiches technique(HTML) 65 Page - Zilog, Inc.

Back Button Z86L7208FSC Datasheet HTML 61Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 62Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 63Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 64Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 65Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 66Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 67Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 68Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 69Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 71 page
background image
Z86C72/C92/L72/L92
Zilog
IR Microcontroller
DS97LVO0900
P R E L I M I N A R Y
6-65
1
Figure 49. Stop-Mode Recovery Register 2
((0F) DH: D2-D4, D6 Write Only)
D7 D6
D5
D4
D3
D2
D1
D0
SMR2 (0F) 0DH
Reserved (Must be 0)
Reserved (Must be 0)
Stop-Mode Recovery Source 2
000 POR only*
001 NAND P20, P21, P22, P23
010 NAND P20, P21, P22, P23, P24, P25, P26, P27
011 NOR P31, P32, P33
100 NAND P31, P32, P33
101 NOR P31, P32, P33, P00, P07
110 NAND P31, P32, P33, P00, P07
111 NAND P31, P32, P33, P20, P21, P22
Reserved (Must be 0)
Recovery Level
0 Low*
1 High
Reserved (Must be 0)
Note: If used in conjunction with SMR,
either of the two specified events will
cause a Stop-Mode Recovery.
*Default Setting After Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71