| Moteur de recherche de fiches techniques de composants électroniques |
|
Z86L7208FSC Fiches technique(PDF) 63 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z86L7208FSC Fiches technique(HTML) 63 Page - Zilog, Inc. |
|
63 / 71 page ![]() Z86C72/C92/L72/L92 Zilog IR Microcontroller DS97LVO0900 P R E L I M I N A R Y 6-63 1 Figure 47. T16 Control Register ((0D) 2H: Read/Write Except Where Noted) D7 D6 D5 D4 D3 D2 D1 D0 CTR2 (0D) 02H 0 P35 is Port Output* 1 P35 is TC16 Output 0 Disable T16 Time-Out Interrupt 1 Enable T16 Time-Out Interrupt 0 0 SCLK on T16 0 1 SCLK/2 on T16 1 0 SCLK/4 on T16 1 1 SCLK/8 on T16 * Default Setting After Reset 0 Disable T16 Data Capture Interrupt 1 Enable T16 Data Capture Interrupt R 0 No T16 Time Out R 1 T16 Time Out Occurs W 0 No Effect W 1 Reset Flag to 0 0 Modulo-N for T16 1 Single Pass for T16 R 0 T16 Disabled * R 1 T16 Enabled W 0 Stop T16 W 1 Enable T16 Transmit Mode 0 T16 Recognizes Edge 1 T16 Does Not Recognize Edge Demodulator Mode |