Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SKY66108 Fiches technique(PDF) 2 Page - Skyworks Solutions Inc.

No de pièce SKY66108
Description  2.0 V to 3.6 V supply operation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SKYWORKS [Skyworks Solutions Inc.]
Site Internet  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY66108 Fiches technique(HTML) 2 Page - Skyworks Solutions Inc.

  SKY66108_11 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
DATA SHEET • SKY66108-11: 2.4 GHz SMART ENERGY/ZIGBEE FRONT-END MODULE
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
April 16, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 202969B
Table 1. SKY66108-11 Signal Descriptions
Pin
Name
Description
Pin
Name
Description
1
VCC1
Positive supply
12
CSD
Sleep mode control
2
VB_IN
Bias voltage input supply to the transceiver (see Figure 3)
13
ANT
Connect to 50
Ω antenna
3
TRXP
Input/output signal to the transceiver, 100
Ω differential
14
N/C
Not connected
4
TRXN
Input/output signal to the transceiver, 100
Ω differential
15
N/C
Not connected
5
N/C
Not connected
16
N/C
Not connected
6
VCC
Positive supply
17
N/C
Not connected
7
N/C
Not connected
18
GND
Connect to PCB ground
8
CPS
Bypass mode control, connect to RFIC or SoC GPIO
19
VCC2
Positive supply
9
GND
Connect to PCB the ground
20
GND
Connect to PCB ground
10
CRX
Receive function control
Paddle
GND
Exposed die paddle; electrical and thermal ground; connect to
PCB ground
11
CTX
Transmit function control
The balun at the FEM PA input (or LNA output) can also be used to inject a bias
operating point for the transceiver output stage (the shunt inductor provides a DC
path on the other side). The inductor also tunes out any parasitic capacitance.
If the SOIC transceiver does not require a DC bias, leave the VB_IN open.
CPS
CSD
CTX
FEM
SoIC
VDD_PA
VB_IN
1 pF
1 pF
2n7
1 k
Ω each series resistor,
placed close to the SKY66108-11 pins.
Optional Output Filter
Y1902
Differential source
or load impedance symbol
Input
Input
1.8 V VBIAS_IN
1.8 V
1.8 V
Decoupling capacitor
on chip
Internal Lattice Balun
Figure 3. Injecting a Bias Operating Point for the Transceiver Output Stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com