Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SKY66108 Fiches technique(PDF) 10 Page - Skyworks Solutions Inc.

No de pièce SKY66108
Description  2.0 V to 3.6 V supply operation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SKYWORKS [Skyworks Solutions Inc.]
Site Internet  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY66108 Fiches technique(HTML) 10 Page - Skyworks Solutions Inc.

Back Button SKY66108_11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 11Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 12Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 13Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
DATA SHEET • SKY66108-11: 2.4 GHz SMART ENERGY/ZIGBEE FRONT-END MODULE
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
10
April 16, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 202969B
Table 10. SKY66108-11 Evaluation Board Bill of Materials
Description
Value
Manufacturer
Mfr Part Number
Package
Description
C1
2.2 μF
Murata
GRM21BR71A225KA01L
0805
Capacitor ceramic 2.2 μF 10 V
10% X7R 0805
L2
2.7 nH
Murata
LQG15HN2N7S02D
0402
High frequency multilayer
L1
3.6 nH
Murata
LQG15HN3N6S02D
0402
High frequency multilayer
J3
10 x 2
Samtec
TSW-110-07-G-D
100 mil
100 mil header
U2
HHM1520
TDK
HHM1520
2.00MMX1.25
Multilayer chip baluns 2.4 GHz
U1
SKY66108-11
Skyworks
SKY66108-11
QFN3X3-20
2.4 GHz 14 dBm FEIC
C11, C12
1 pF
Murata
GRM1555C1H1R0CZ01
0402
Multilayer ceramic
J1, J2
SMA
Johnson Components
142-0701-851
End Launch
SMA end launch straight jack receptacle—
tab contact
C2, C3, C4
100 nF
Murata
GRM155R71C104KA88D
0402
Monolithic ceramic
C5, C6, C7, C8
10 pF
Murata
GRM1555C1H100JZ01
0402
Multilayer ceramic
R1, R2, R3, R4
100 k
Ω
Panasonic
ERJ2GEJ104
0402
Thick film chip resistor
Y0771
Figure 6. SKY66108-11 Evaluation Board Photograph



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com