Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SKY66108 Fiches technique(PDF) 3 Page - Skyworks Solutions Inc.

No de pièce SKY66108
Description  2.0 V to 3.6 V supply operation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SKYWORKS [Skyworks Solutions Inc.]
Site Internet  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY66108 Fiches technique(HTML) 3 Page - Skyworks Solutions Inc.

  SKY66108_11 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DATA SHEET • SKY66108-11: 2.4 GHz SMART ENERGY/ZIGBEE FRONT-END MODULE
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202969B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • April 16, 2015
3
Electrical and Mechanical Specifications
The absolute maximum ratings of the SKY66108-11 are provided
in Table 2. The recommended operating conditions are specified
in Table 3.
The electrical specifications are provided in Tables 4 through 7.
The state of the SKY66108-11 is determined by the logic provided
in Table 8.
Table 2. SKY66108-11 Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Units
Supply voltage
VCC1, VCC2, VCC3
–0.3
3.6
V
Control pin voltages
–0.3
3.6
V
Operating temperature
TA
–40
125
C
Storage temperature
TSTG
–40
125
C
Tx output power at the ANT port into 50
Ω load
POUT_TX_MAX
+16
dBm
Tx input power at the TR port
PIN_TX_MAX
+6
dBm
Rx input power at the ANT port
PIN_RX_MAX
+5
dBm
Thermal resistance
θJC
69
C/W
Electrostatic discharge:
Human Body Model (HBM), Class 1C
ESD
1000
V
Note:
Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other
parameters set at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the device.
CAUTION: Although this device is designed to be as robust as possible, electrostatic discharge (ESD) can damage this device. This device
must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body
or equipment, which can discharge without detection. Industry-standard ESD precautions should be used at all times.
Table 3. Recommended Operating Conditions
Parameter
Symbol
Minimum
Typical
Maximum
Units
Ambient temperature
TA
–40
+25
+125
C
Supply voltage for transceiver core
VB_IN
1.6
3.6
V
Supply voltage on Vcc pins
VCC1, VCC2, VCC3
2.0
3.0
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com