Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SKY66108 Fiches technique(PDF) 8 Page - Skyworks Solutions Inc.

No de pièce SKY66108
Description  2.0 V to 3.6 V supply operation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SKYWORKS [Skyworks Solutions Inc.]
Site Internet  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY66108 Fiches technique(HTML) 8 Page - Skyworks Solutions Inc.

Back Button SKY66108_11 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 11Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 12Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
DATA SHEET • SKY66108-11: 2.4 GHz SMART ENERGY/ZIGBEE FRONT-END MODULE
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
8
April 16, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 202969B
Y1903
1 VCC1
TRXP
VB_IN
N/C
TRXN
N/C
ANT
N/C
CTX
CSD
2
3
4
5
14
15
13
12
11
6
78
9
10
20
19
18
17
16
×
C3
100 nF
C6
10 pF
C5
10 pF
C12
1 pF
L2
2.7 nH
VB
C2
100 nF
21
××
CTX
CSD
C11
1 pF
CRX
CPS
C8
10 pF
C4
100 nF
VCC
VCC
L1
3.6 nH
1
3
5
7
9
11
13
15
17
19
J3
VB
CPS
CRX
CTX
CSD
2
4
6
8
10
12
14
16
18
20
C1
2.2 μF
VCC
VCC
VCC
J1
SMA
R3
100K
R1
100K
R2
100K
R4
100K
×
C7
10 pF
J4
SMA
HHM1520
U2
SKY66108-11
U1
PCB Recommendations:
Metal Layer 1 = RF traces + control lines. Core thickness between top RF layer and ground plane is critical.
Metal Layer 2 = Solid ground plane. No traces routing.
Metal Layer 3 and 4 = Control lines + VCC traces (no VCC plane).
Pour copper on each layer connected to the ground plane. Use VCC traces in a star distribution pattern.
Figure 4. SKY66108-11 Evaluation Board Schematic
Table 9. SKY66108-11 Power and Analog I/O Header: J3, 10x2
Pin Number
Evaluation Board Label
Description
Recommended setting
14, 19, 20
GND
Ground
General purpose grounds
1, 3, 5, 6, 7, 9, 11, 13, 15, 17
VCC
Supply voltage
General purpose VCC provided as the main power supply
4
VCC1
Supply voltage
General purpose VCC provided as the main power supply
2
VCC2
Supply voltage
General purpose VCC provided as the main power supply
8
VB
Bias
Output bias to transceiver
16
CTX
Control
See Table 8
10
CPS
Control
18
CSD
Control
12
CRX
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com