Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SKY66108 Fiches technique(PDF) 5 Page - Skyworks Solutions Inc.

No de pièce SKY66108
Description  2.0 V to 3.6 V supply operation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SKYWORKS [Skyworks Solutions Inc.]
Site Internet  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY66108 Fiches technique(HTML) 5 Page - Skyworks Solutions Inc.

  SKY66108_11 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DATA SHEET • SKY66108-11: 2.4 GHz SMART ENERGY/ZIGBEE FRONT-END MODULE
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202969B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • April 16, 2015
5
Table 6. SKY66108-11 Electrical Specifications: AC Characteristics (Note 1)
(VCC = VCC1 = VCC2 = 3.0 V, TA = +25
C, Measured on the Evaluation Board [De-embedded to the Device],
All Unused Ports Terminated with 50
Ω, Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Minimum
Typical
Maximum
Units
Transmit (Tx)
Frequency range
fIN
2400
2483
MHz
Output power at ANT port
POUT_Hi
2400 MHz to 2483 MHz, OEVM = 1% typical:
VCC = VCC1 = VCC2 = 3.6 V
VCC = VCC1 = VCC2 = 3.3 V
VCC = VCC1 = VCC2 = 3.0 V
VCC = VCC1 = VCC2 = 2.0 V
VCC = VCC1 = VCC2 = 1.8 V
+16.0
+15.0
+14.0
+11.0
+9.5
dBm
Small signal gain high power mode
S21_Hi
2400 MHz to 2483 MHz
14
dB
Small signal gain variation
ΔS21
2400 MHz to 2483 MHz
Gain variation across all 802.15.4 channels
1
dBp-p
Second and third harmonics
HD2, HD3
2400 MHz to 2483 MHz
IEEE 802.15.4 source
POUT = +14 dBm
Measured with the antenna match and filter
components per the SKY66108-11-EK1
evaluation board
–42
dBm/
MHz
Bluetooth® V 1.0 and BLE spectral mask
ACPR
ACPR @ ± 2 channels
ACPR @ ± 3 channels
> –40
> –40
dB
dB
Turn on and off times
tON
tOFF
From 50% of the CTX edge to 90% of the final
RF output power.
From 50% of the CTX edge to 10% of the final
RF output power.
800
ns
Stability
STAB
CW, PIN = +0 dBm
0.1 GHz to 20.0 GHz
Load VSWR = 6:1
All non-harmonically related outputs
<–35.0 dBm/MHz
Ruggedness
RU
CW, PIN = +6 dBm, Load VSWR = 10:1
No permanent damage
Receive (Rx)
Frequency range
fIN
2400
2483
MHz
Rx gain high-gain mode
Rx_gain_HG
2400 MHz to 2483 MHz
10.3
12.3
14.3
dB
Rx gain low-gain mode
Rx_gain_LG
2400 MHz to 2483 MHz
5
7
9
dB
Rx noise figure (NF) high-gain mode
NF_HG
2400 MHz to 2483 MHz
2.7
dB
Rx NF low-gain mode
NF_LG
2400 MHz to 2483 MHz
+3.8
dB
Input 1 dB compression point high-gain mode
IP1dB_HG
2400 MHz to 2483 MHz
–13
–8
dBm
Input 1 dB compression point low-gain mode
IP1dB_LG
2400 MHz to 2483 MHz
–3
+2
dBm
Turn on and off times
tON
tOFF
From 50% of the CTX edge to 90% of the final
RF output power.
From 50% of the CTX edge to 10% of the final
RF output power.
800
ns
Gain in bypass mode
G_bp
–3.5
dB
Input 1 dB compression point in bypass mode
IP1dB
+10
dBm
Note 1: Performance is guaranteed only under the conditions listed in this table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com