Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SKY66108 Fiches technique(PDF) 4 Page - Skyworks Solutions Inc.

No de pièce SKY66108
Description  2.0 V to 3.6 V supply operation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SKYWORKS [Skyworks Solutions Inc.]
Site Internet  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY66108 Fiches technique(HTML) 4 Page - Skyworks Solutions Inc.

  SKY66108_11 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
DATA SHEET • SKY66108-11: 2.4 GHz SMART ENERGY/ZIGBEE FRONT-END MODULE
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
4
April 16, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 202969B
Table 4. SKY66108-11 Electrical Specifications: DC (Note 1)
(VCC = VCC1 = VCC2 = 3 V, TA = +25
C, Measured on the Evaluation Board [De-embedded to the Device], Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
Total supply current
ICC_ TX14
Tx mode POUT = +14 dBm
33
mA
Total supply current
ICC_ TX12
Tx mode POUT = +12 dBm
25
mA
Total supply current
ICC_ TX10
Tx mode POUT = +10 dBm
20
mA
Quiescent current
ICQ_ TX
No RF
6
mA
Total supply current
ICC_ RXHG
Rx Low Noise Amplifier (LNA) High Gain mode
5.5
mA
Total supply current
ICC_ RXLG
Rx LNA Low Gain mode
2.7
mA
Total supply current
ICC_ RxBypass
Rx Bypass mode
10
μA
Sleep supply current
ICC_ OFF
No RF
0.05
1.0
μA
Note 1: Performance is guaranteed only under the conditions listed in this table.
Table 5. SKY66108-11 Electrical Specifications: Logic Characteristics (Note 1)
(VCC = VCC1 = VCC2 = 3.0 V, TA = +25
C, Measured on the Evaluation Board [De-embedded to the Device],
Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
Logic input high voltage
VBIHB
1.6
3.6
V
Logic input low voltage
VBILB
0
0.3
V
Logic input high current
IBIHB
1
μA
Logic input low current
IBILB
1
μA
Note 1: Performance is guaranteed only under the conditions listed in this table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com