Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SKY66108 Fiches technique(PDF) 1 Page - Skyworks Solutions Inc.

No de pièce SKY66108
Description  2.0 V to 3.6 V supply operation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SKYWORKS [Skyworks Solutions Inc.]
Site Internet  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY66108 Fiches technique(HTML) 1 Page - Skyworks Solutions Inc.

  SKY66108_11 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY66108_11 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202969B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • April 16, 2015
1
DATA SHEET
SKY66108-11: 2.4 GHz ZigBee®/Smart Energy Front-End
Module
Applications
 Smart meters
 In-home appliances
 Smart thermostats
Features
 Integrated:
– PA with up to +16 dBm output power
– LNA with programmable bypass
– Transmit and receive switching function
 +2.7 dB FEM Rx NF
 Differential Rx/Tx interface with integrated balun
 Fast switch on/off time <800 ns
 2.0 V to 3.6 V supply operation
 Sleep mode current 0.05 μA typical
 QFN (20-pin, 3.0 mm x 3.0 mm x 0.55 mm) package
(MSL1 @ 260 °C per JEDEC J-STD-020)
Skyworks GreenTM products are compliant with
all applicable legislation and are halogen-free.
For additional information, refer to Skyworks
Definition of GreenTM, document number
SQ04–0074.
VCC1
VB_IN
TRXP
TRXN
N/C
N/C
N/C
ANT
CSD
CTX
1
2
3
4
5
15
14
13
12
11
Y0770
Figure 2. SKY66108-11 Pinout—20-Pin QFN
(Top View)
VB_IN
Balun
Logic Control
ANT
PA
LNA
TRXP
TRXN
Y1854
Figure 1. SKY66108-11 Block Diagram
Description
The SKY66108-11 is a high-performance, fully integrated RF
Front-End Module (FEM) that is designed for ZigBee®/Smart
Energy applications.
The SKY66108-11 is designed for ease of use and maximum
flexibility, with integrated fully matched input balun, integrated
inter-stage matching and harmonic filter, and digital controls that
are compatible with 1.6 V to 3.6 V Complementary Metal Oxide
Semiconductor (CMOS) levels.
The RF blocks operate over a wide supply voltage range from
2.0 V to 3.6V, which allows the SKY66108-11 to be used in
battery-powered applications over a wide spectrum of the battery
discharge curve.
A functional block diagram is shown in Figure 1. The pin
configuration and package are shown in Figure 2. Signal pin
assignments and functional pin descriptions are provided in
Table 1.


Numéro de pièce similaire - SKY66108_11

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SKY66108-11 SKYWORKS-SKY66108-11 Datasheet
1Mb / 13P
2.4 GHz ZigBee/Smart Energy Front-End Module
More results

Description similaire - SKY66108_11

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUC2G34 TI-SN74AUC2G34 Datasheet
529Kb / 13P
Optimized for 1.8-V Operation and Is 3.6-V I/O Tolerant to Support Mixed-Mode Signal Operation
logo
Vishay Siliconix
TFDU6300 VISHAY-TFDU6300 Datasheet
214Kb / 15P
Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 3.6 V Operation
03-Jul-08
TFDU6301 VISHAY-TFDU6301 Datasheet
217Kb / 15P
Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 3.6 V Operation and Low-Voltage Logic (1.8 V)
03-Jul-08
logo
Texas Instruments
TLV0831C TI1-TLV0831C_14 Datasheet
696Kb / 21P
 8-Bit Resolution 2.7 V to 3.6 V VCC Easy Microprocessor Interface or Standalone Operation
logo
Analog Devices
ADM3307E AD-ADM3307E_15 Datasheet
425Kb / 24P
15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
logo
IXYS Corporation
CPC5620 IXYS-CPC5620 Datasheet
519Kb / 18P
3.3 or 5 V power supply operation
logo
NXP Semiconductors
NX3DV221 NXP-NX3DV221_15 Datasheet
1Mb / 19P
Wide supply voltage range from 2.3 V to 3.6 V
Rev. 4-19 June 2013
K60P100M100SF2 NXP-K60P100M100SF2 Datasheet
2Mb / 76P
Voltage range: 1.71 to 3.6 V
Rev. 7, 02/2013
K60P100M100SF2V2 NXP-K60P100M100SF2V2 Datasheet
1Mb / 80P
Voltage range: 1.71 to 3.6 V
Rev. 3, 6/2013
K60P120M100SF2 NXP-K60P120M100SF2 Datasheet
2Mb / 72P
Voltage range: 1.71 to 3.6 V
Rev. 7, 02/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com