Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1632 Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce UM1632
Description  STM8L DALI slave interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1632 Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button UM1632 Datasheet HTML 24Page - STMicroelectronics UM1632 Datasheet HTML 25Page - STMicroelectronics UM1632 Datasheet HTML 26Page - STMicroelectronics UM1632 Datasheet HTML 27Page - STMicroelectronics UM1632 Datasheet HTML 28Page - STMicroelectronics UM1632 Datasheet HTML 29Page - STMicroelectronics UM1632 Datasheet HTML 30Page - STMicroelectronics UM1632 Datasheet HTML 31Page - STMicroelectronics UM1632 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
Running the PC software for DALI-STM8L
UM1632
28/32
DocID024513 Rev 1
6.2
Light level
The user can choose to change the light level of the ballast by pushing the “All” button in the
“Light Level” window and changing the intensity using the slider.
The user can also control the ballast fade by pushing the “Simulate Fading” button in the
“Light level” window and vary the intensity using the slider.
Figure 15. Light level window
Figure 16. Ballasts window after clicking on update
Figure 17. Light level window during fading



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32