Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1632 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce UM1632
Description  STM8L DALI slave interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1632 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button UM1632 Datasheet HTML 19Page - STMicroelectronics UM1632 Datasheet HTML 20Page - STMicroelectronics UM1632 Datasheet HTML 21Page - STMicroelectronics UM1632 Datasheet HTML 22Page - STMicroelectronics UM1632 Datasheet HTML 23Page - STMicroelectronics UM1632 Datasheet HTML 24Page - STMicroelectronics UM1632 Datasheet HTML 25Page - STMicroelectronics UM1632 Datasheet HTML 26Page - STMicroelectronics UM1632 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
DocID024513 Rev 1
23/32
UM1632
Application setup
Figure 9. Slave device setup (STEVAL-ILM001V1 and STM8L1526-EVAL board)
Figure 10. Master Device setup (ST7 DALI Master Board)
6.
For the master device, connect the serial cable (RS-232) to the PC and the ST7 DALI
master board and also connect the 12 V adapter to the master board, as shown in
Figure 10.
7.
The kit is now ready for operation (two LEDs should be ON, one on the STEVAL-
ILM001V and one on the STM8L1526-EVAL).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32