| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1632 Fiches technique(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1632 Fiches technique(HTML) 12 Page - STMicroelectronics |
|
12 / 32 page ![]() Function description UM1632 12/32 DocID024513 Rev 1 Table 4. Void receive_data() Function name Receive_data Description This function is called from the interrupt routine when the first start bit of a DALI packet occurs. It: • Starts the receiving process Input Parameter None Output Parameter None Return None Table 5. Void send_data(byteToSend) Function name Send_data Description This function: • Starts the transmitting process Input Parameter U8 byteToSend Output Parameter None Return None Table 6. Void receive_tick() Function name Receive_tick Description This function is called from timer 4 interrupt service routine after receiving begins. It: • Performs bit receiving from the DALI RX pin for DALI packet building • Checks the packet errors on the DALI bus Input Parameter None Output Parameter None Return None Table 7. Void send_tick(void) Function name Send_tick Description This function is called from timer 4 interrupt servi ce routine after transmitting begins. It: • Performs transmission of DALI packet to DALI bus (bit coding to physical layer) Input Parameter None Output Parameter None Return None |