| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1632 Fiches technique(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1632 Fiches technique(HTML) 20 Page - STMicroelectronics |
|
20 / 32 page ![]() Function description UM1632 20/32 DocID024513 Rev 1 #define USE_ARC_TABLE This definition: • Enables the logarithmic table to be used instead of direct light control #define OUT_DALI_PORT, #define OUT_DALI_PIN, #define INVERT_OUT_DALI, #define IN_DALI_PORT, #define IN_DALI_PIN, #define INVERT_IN_DALI This set of definitions: • Contains DALI Rx and DALI Tx signal assignments to given pins according to user requirements. The Rx pin must have interrupt capability. • Define whether a pin is inverted or not on the user hardware DALI transceiver board #define DEVICE_TYPE This definition: • Defines the ballast type according to the DALI specification (see DALI specification for valid ballast type numbers). #define DALI_VERSION_NUMBER_ROM This definition: • Defines the DALI version #define PHYSICAL_MIN_LEVEL_ROM This definition: • Defines the minimum light level, which is limited by the ballast hardware capability (according to the DALI specification). |