| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1632 Fiches technique(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1632 Fiches technique(HTML) 19 Page - STMicroelectronics |
|
19 / 32 page ![]() DocID024513 Rev 1 19/32 UM1632 Function description void Lite_timer_Interrupt(void) This function is the main timer function servicing all timers. It: • Is a callback function that receives 1 ms timer ticks from the DALI I/O pin driver layer • Runs in interrupt • Updates the timer event flag used for updating the virtual timers (1 ms each) u8 Process_Lite_timer_IT(void) This function is called cyclically from the user main program loop in 1 ms intervals when the timer event flag is signalled. It: • Services timer events (if necessary) • Calls callbacks or updates virtual timer values 3.2.7 dali_config.c These files contain the DALI stack module configurations. The user can change them according to requirements, the final ballast hardware/software implementation, the light element used, the type of light control, the STM8L pin out and the user/device description information. The most important variables and definitions in these files are given below in bold. const u16 DALIP_ArcTable[] This variable is the logarithmic table for light control. It: • Implements the logarithmic table according to the DALI specification • Converts 8-bit linear values to 16-bit logarithmic output for direct light power control (see the DALI specification). const u32 DALIP_FadeTimeTable[] This variable: • Implements the fade time table according to the DALI specification const u16 DALIP_FadeRateTable[] This variable: • Implements the fade rate table according to the DALI specification const u8 DaliRegDefaults[] This variable: • Implements the default DALI register content according to the DALI specification |