Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1632 Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce UM1632
Description  STM8L DALI slave interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1632 Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button UM1632 Datasheet HTML 13Page - STMicroelectronics UM1632 Datasheet HTML 14Page - STMicroelectronics UM1632 Datasheet HTML 15Page - STMicroelectronics UM1632 Datasheet HTML 16Page - STMicroelectronics UM1632 Datasheet HTML 17Page - STMicroelectronics UM1632 Datasheet HTML 18Page - STMicroelectronics UM1632 Datasheet HTML 19Page - STMicroelectronics UM1632 Datasheet HTML 20Page - STMicroelectronics UM1632 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
DocID024513 Rev 1
17/32
UM1632
Function description
void DALIR_Init(void)
This function:
•
Initializes the DALI register module
•
Clears all RAM registers
void DALIR_ResetRegs(void)
This function:
•
Sets all registers to the default state (according to the DALI specification)
u8 DALIR_ReadReg(idx),
void DALIR_WriteReg(idx, newval),
u8 DALIR_ReadStatusBit(bit),
void DALIR_WriteStatusBit(bit, val),
u8 DALIR_ReadEEPROMReg(idx),
void DALIR_WriteEEPROMReg(idx, val)
This set of functions:
•
Is used for register reading and writing
void DALIR_DeleteShort(void)
This function:
•
Clears the DALI short address (unassigned address state)
3.2.5
eeprom.c
void EEPROM_Init(void)
•
This function initializes the EEPROM variables.
void E2_ResetEEPROM(void)
•
Resets the EEPROM header
uint16_t E2_WriteMem(u16 VirtAddress, u16 Data),
void E2_WriteBurst(u16 addr, u16 times, u16* buf)
This set of functions:
•
Writes data to EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32