Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1632 Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce UM1632
Description  STM8L DALI slave interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1632 Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button UM1632 Datasheet HTML 12Page - STMicroelectronics UM1632 Datasheet HTML 13Page - STMicroelectronics UM1632 Datasheet HTML 14Page - STMicroelectronics UM1632 Datasheet HTML 15Page - STMicroelectronics UM1632 Datasheet HTML 16Page - STMicroelectronics UM1632 Datasheet HTML 17Page - STMicroelectronics UM1632 Datasheet HTML 18Page - STMicroelectronics UM1632 Datasheet HTML 19Page - STMicroelectronics UM1632 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Function description
UM1632
16/32
DocID024513 Rev 1
void DALIP_Init(LightControlFunction)
This function:
•
Initializes the public module
•
Contains, as an input parameter, a user callback function for light control:
–
it is called to change the light level
–
the user implements it (user hardware dependent)
–
it only has one input parameter (unsigned int), which is the requested light level
–
(see header file "dali_pub.h" for this function type definition).
void DALIP_Direct_Arc(u8 val)
This function is called from the “dali_cmd.c”. It:
•
Executes the light intensity control using a logarithmic curve
u8 DALIP_Getxxx(void),
void DALIP_Setxxx(u8 val)
This set of functions:
•
Reads or sets a given “xxx” DALI parameter (usually a DALI register or flag in RAM).
void DALIP_Off(void),
void DALIP_On_And_Step_Up(void),
void DALIP_Step_Down_And_Off(void),
void DALIP_Recall_Max_Level(void),
void DALIP_Recall_Min_Level(void),
void DALIP_Up(void),
void DALIP_Down(void),
void DALIP_Step_Up(void),
void DALIP_Step_Down(void)
This set of functions:
•
Implements the DALI commands for controlling light levels
3.2.4
dali_reg.c
These files contain the DALI register management functions. The DALI registers can be
stored in RAM, EEPROM, or ROM memory (see the DALI specification definitions). The
functions of these files implement automatic memory selection depending on the register
index and register read and write routines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32