| Moteur de recherche de fiches techniques de composants électroniques |
|
RM0319 Fiches technique(PDF) 219 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0319 Fiches technique(HTML) 219 Page - STMicroelectronics |
|
219 / 368 page ![]() RM0319 Asynchronous serial ports (UART) Doc ID 022640 Rev 3 219/368 16.3 Functional description This chapter describes the main interfaces of the UART block. Figure 79 shows the UART block diagram. Figure 79. UART block diagram Note: Applicable for UART0 - UART1 (only for two modes) 16.3.1 APB Interface The APB Interface block generates read and write decodes for accesses to control and status registers (CSRs) as well as to transmit/receive FIFO memories. 16.3.2 Register Block The Register Block allows to store data written, or to be read across the APB Interface. nUARTRST PCLK PRESETn PSEL PENABLE PWRITE PADDR[11:2] PWDATA[15:0] PRDATA[15:0] UARTCLK APB interface and register block UARTRXDMACLR UARTTXDMACLR UARTRXDMASREQ UARTRXDMABREQ UARTTXDMASREQ UARTTXDMABREQ DMA Interface FIFO status and interrupt generation UARTTXINTR UARTRXINTR UARTMSINTR UARTRTINTR UARTEINTR UARTINTR nUARTCTS nUARTRI nUARTDSR nUARTDCD nUARTDTR nUARTRTS nUARTOUT1 nUARTOUT2 16x12 Receive FIFO Transmitter Receiver UARTTXD UARTRXD 16x8 Transmit FIFO Baud rate generator FIFO flags Transmit FIFO status Receiv FIFO status Baud rate divisor Control and status Baud16 txd[7:0] rxd[11:0] Read data[11:0] Write data[7:0] Note 1 |