Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RM0319 Fiches technique(PDF) 218 Page - STMicroelectronics

No de pièce RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Fiches technique(HTML) 218 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 214Page - STMicroelectronics RM0319 Datasheet HTML 215Page - STMicroelectronics RM0319 Datasheet HTML 216Page - STMicroelectronics RM0319 Datasheet HTML 217Page - STMicroelectronics RM0319 Datasheet HTML 218Page - STMicroelectronics RM0319 Datasheet HTML 219Page - STMicroelectronics RM0319 Datasheet HTML 220Page - STMicroelectronics RM0319 Datasheet HTML 221Page - STMicroelectronics RM0319 Datasheet HTML 222Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 368 page
background image
Asynchronous serial ports (UART)
RM0319
218/368
Doc ID 022640 Rev 3
●
Programmable hardware flow control which uses the CTS input and the RTS output to
automatically control the serial data flow
●
Support modem status which uses:
–
input signals: Clear To Send (CTS), Data Carrier Detect (DCD), Data Set Ready
(DSR), and Ring Indicator (RI)
–
output modem control lines: Request To Send (RTS), and Data Terminal Ready
(DTR)
●
Provides some programmable parameters, such as:
–
communication baud rate, integer and fractional parts
–
number of data bits
–
parity mode
–
FIFO enable (16 deep) or disable (1 deep)
–
FIFO trigger levels selectable between 1/8, 1/4, 1/2, 3/4 and 7/8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More