Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RM0319 Fiches technique(PDF) 103 Page - STMicroelectronics

No de pièce RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Fiches technique(HTML) 103 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 99Page - STMicroelectronics RM0319 Datasheet HTML 100Page - STMicroelectronics RM0319 Datasheet HTML 101Page - STMicroelectronics RM0319 Datasheet HTML 102Page - STMicroelectronics RM0319 Datasheet HTML 103Page - STMicroelectronics RM0319 Datasheet HTML 104Page - STMicroelectronics RM0319 Datasheet HTML 105Page - STMicroelectronics RM0319 Datasheet HTML 106Page - STMicroelectronics RM0319 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 368 page
background image
RM0319
Parallel NAND Flash controller (FSMC)
Doc ID 022640 Rev 3
103/368
Attribute memory space access
The only difference with respect to common memory space access mode is that the timings
used are specified in the register GenMemCtrl_Attrib. In practice, this secondary access
works exactly the same as common memory space accesses, but this can be used to
implement a functionality that is needed in some (but not all) NAND Flash memories.
Some Flash memories require that after writing the last part of the address, the controller
has to wait and check that R/B (the wait signal from the Flash) goes low. This pre-wait time
can be up to 100ns, then if there is such event the controller has to wait again until R/B goes
high. During all this period CE must be held low.
Other NAND Flash memories (such as the Samsung 1Gbit) do not require the pre-wait time;
they just require that when the memory is being accessed and R/B is low, the controller
should wait until R/B goes high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More