Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST9 Fiches technique(PDF) 122 Page - STMicroelectronics

No de pièce ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Fiches technique(HTML) 122 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 118Page - STMicroelectronics ST9 Datasheet HTML 119Page - STMicroelectronics ST9 Datasheet HTML 120Page - STMicroelectronics ST9 Datasheet HTML 121Page - STMicroelectronics ST9 Datasheet HTML 122Page - STMicroelectronics ST9 Datasheet HTML 123Page - STMicroelectronics ST9 Datasheet HTML 124Page - STMicroelectronics ST9 Datasheet HTML 125Page - STMicroelectronics ST9 Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 146 page
background image
122/146
ST9 USER GUIDE
– All the other interrupt addresses must be placed in the Interrupt Segment. In “ST9” mode,
Interrupt Service Routines can make far calls to other segments.
They are organized as follows:
Table 15.
Segment 0
Table 16.
Segment n (not Interrupt Segment)
Table 17.
Interrupt Segment
The vectors above are placed at these addresses by hardware. You can place the following
ones at will, except that for each peripheral they must obey some rules like being a multiple of
a given number, e.g. 8 for the SCI.
To force the linker to effectively position these vectors from address zero, the start-up module
must first be included in the module list in the linker command file.
Address
Cause
Point to
0
Reset (action on the reset pin,
Watchdog reset or Software
reset).
The start of the initialisation code. The reset address is the
start-up address.
2
Divide by zero
Address of the routine in segment 0 that handles the case
where a division by zero has occurred.
Address
Cause
Point to
2
Divide by zero
Address of the routine in segment n that handles the case
where a division by zero has occurred.
Address
Cause
Point to
2
Divide by zero
Address of the routine in segment ISR that handles the
case where a division by zero has occurred.
4
Top level interrupt
The interrupt service routine for the top level interrupt.
...
Interrupt
Interrupt Service Routine addresses.
Address
Cause
Point to
n
First cause for the peripheral
whose IVR is set to n
The routine that handles the first interrupt cause for that pe-
ripheral.
n+2
Second cause for the periph-
eral whose IVR is set to n
The routine that handles the second interrupt cause for that
peripheral.
etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More