| Moteur de recherche de fiches techniques de composants électroniques |
|
ST9 Fiches technique(PDF) 118 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST9 Fiches technique(HTML) 118 Page - STMicroelectronics |
|
118 / 146 page ![]() 118/146 ST9 USER GUIDE 5.4.1.3 APPLI = ... This variable must contain the name of the main object file and related files, which are: Example: APPLI = SMCB generates SMCB.U and SMCB.MAP using the script file to define the linker behavior. 5.4.1.4 SCRIPTFILE = ... This variable must contain the name of the script file to be used during the linking process. 5.4.1.5 C_SRC = ... This variable must contain the complete list of the C source files involved in the program to be built. Example: C_SRC = main.c config.c serial.c calcul.c encoder.c 5.4.1.6 SPP_SRC = ... This variable must contain the complete list of SPP source files involved in the program to be built. SPP are assembler source files needing preprocessing. Example: SPP_SRC = register.spp decoder.spp 5.4.1.7 ASM_SRC = ... This variable must contain the complete list of the assembler source files involved in the pro- gram to build. Example: ASM_SRC = startup.asm interrup.asm 5.4.1.8 STARTUP_SRC = ... This variable must contain the complete list of the startup files involved in the program to be built. Example: STARTUP_SRC = crtbegin.spp crtend.spp 5.4.1.9 VPATH = ... This variable must contain the list of directories that the Make function should search. Ex- ample: VPATH = ..\src ..\startup File name Type of file <main file name>.u Object file ready for loading into the emulator. This is defined in conjunction with the LD9 script file. <main file name>.map The memory map file name. |