| Moteur de recherche de fiches techniques de composants électroniques |
|
ST9 Fiches technique(PDF) 98 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST9 Fiches technique(HTML) 98 Page - STMicroelectronics |
|
98 / 146 page ![]() 98/146 ST9 USER GUIDE 4.7 ANALOG TO DIGITAL CONVERTER 4.7.1 Description The analog to digital converter is one of the simplest peripherals of the ST9 family to use. It converts the voltage applied to one of sixteen inputs using an 10-bit successive approximation analog to digital converter. According to the value of bits SC3, SC2, SC1 and SC0 of the Con- trol Logic Register (CLR1, R252, P63), one to sixteen inputs are converted at each conversion cycle, starting at the channel number specified by these bits and ending with channel 15. The simplified block diagram is the following: |