Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST9 Fiches technique(PDF) 76 Page - STMicroelectronics

No de pièce ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Fiches technique(HTML) 76 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 72Page - STMicroelectronics ST9 Datasheet HTML 73Page - STMicroelectronics ST9 Datasheet HTML 74Page - STMicroelectronics ST9 Datasheet HTML 75Page - STMicroelectronics ST9 Datasheet HTML 76Page - STMicroelectronics ST9 Datasheet HTML 77Page - STMicroelectronics ST9 Datasheet HTML 78Page - STMicroelectronics ST9 Datasheet HTML 79Page - STMicroelectronics ST9 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 146 page
background image
76/146
ST9 USER GUIDE
Figure 34
. MFT Input/Output Modes
The two outputs are actually the Q outputs of a flip-flop which set and reset. Flip-flop inputs
can be individually configured to receive pulses from either of the following events: compare
with CM0, compare with CM1, and overflow/underflow. This is used to generate single-shot or
periodic wave forms simply by using the timer.
Input pin
configuration
Input pin function
CLK logic
U/D logic
Clear logic
8 bit prescaler
16 bit counter of the MFT
Action on outputs
after a successful event on
<Cmp0>
<Comp1>
<OVF>
Output pin configuration
Internal clk/3
TxINA pin TxINB pin
TxOUTA pin
TxOUTB pin
3 bits of
TCR
2 bits of
TCR
4 bits of
ICR
4 bits of
ICR
Clock
U/D
Clear
5 bits of
FLAGR
8 bits of
OACR
8 bits of
OBCR
2 bits of
TMR
(output enable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More