| Moteur de recherche de fiches techniques de composants électroniques |
|
ST9 Fiches technique(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST9 Fiches technique(HTML) 52 Page - STMicroelectronics |
|
52 / 146 page ![]() 52/146 ST9 USER GUIDE The simplified block diagram is the following: Figure 20 . External Interrupts Simplified Block Diagram 3.4.3.2 Top-Level Interrupt The Top Level Interrupt can have two sources: either the NMI pin, or the watchdog end-of- count(5). This interrupt level has a special feature that allows you to mask it like any other in- terrupt, or to make it a real non-maskable interrupt. For this, the TLNM bit (see Figure 21) can remove the effect of the mask. Once set, it cannot be reset, thus preventing this interrupt from (5) See Section 4.3 on the Watchdog Timer. 3 3 External Interrupt pin (INT0 to INT7) Edge trigger event selection: one bit of EITR Internal/External source selection One bit of EIPR Pending Bit One bit of EIMR External interrupt priority level Current priority level (CPL) Interrupt to the core Bit IEN of CICR Interrupt enable Only for: A0: INT0 or WDT interrupt B0 INT2 or SPI interrupt Internal interrupt Priority Comparator (Device dependent) A detailed block diagram is provided in Section 7 Mask Bit |