| Moteur de recherche de fiches techniques de composants électroniques |
|
ST9 Fiches technique(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST9 Fiches technique(HTML) 22 Page - STMicroelectronics |
|
22 / 146 page ![]() 22/146 ST9 USER GUIDE Figure 9 . Selecting Page Registers As with the working registers, if a subroutine or an interrupt routine needs to access a periph- eral that uses paged registers (which is very likely), you must save (or push) the register pointer PPR at the beginning of the routine and restore it on exit. Notes: In both assembly and C languages, include files are supplied with symbolic names pre-defined for all the peripherals. These names are unique for each peripheral; however several different names relate to the same register, but in a different page. You must bear in mind that writing for example (in C language): S_ISR = 0; /* clear serial peripheral error register */ does not automatically select the proper page; this statement must be preceded by another one that selects the SCI page. Since no predefined C statement exists for this, a convenient way is to define an assembler statement under the form of a macro that will read nicely in the C source. An example of the correct way to access the SCI register is: #define SelectPage(Page) asm ("spp %0":: "i" (Page)) ; /* pseudo function to select a page */ SelectPage( SCI1_PG ); /* Select the serial peripheral page */ S_ISR = 0 ; /* Clear serial peripheral error register */ 3.1.7 Memory Management Unit Like most microcontrollers, the ST9 has a bus for interfacing internal and external memories. This allows you to store both programs and data. A special feature of the ST9 is that it can ad- dress a 4 Mbyte single space to address ROM, RAM, EPROM, EEPROM, FLASH. Group F Paged Registers Group E System Registers R255 R240 R239 R224 R00 Groups 0 to D Page Pointer Register (PPR) R234 Page 3 PPR loaded using instruction code spp #3. |