| Moteur de recherche de fiches techniques de composants électroniques |
|
ST9 Fiches technique(PDF) 70 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST9 Fiches technique(HTML) 70 Page - STMicroelectronics |
|
70 / 146 page ![]() 70/146 ST9 USER GUIDE 4.3.1.3 Retriggerable Input Mode The counter value is decremented by WDTCLK (INTCLK / 4) if ST_SP is high. The initial value is reloaded either at the rising edge of ST_SP or at each falling edge of the WDTIN pin if ST_SP is high. Figure 30 . Timer in Retriggerable Input Mode 4.3.1.4 Triggerable Input Mode The counter value is decremented by WDTCLK (INTCLK / 4) if ST_SP is high and falling edge of WDTIN occurs. The initial value is reloaded at the first falling edge of the WDTIN pin if ST_SP is high. Figure 31 . Timer in Triggerable Input Mode Initial Value WDTIN Pin ST_SP Counter Value Counter Value Initial Value ST_SP WDTIN Pin |