Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST9 Fiches technique(PDF) 53 Page - STMicroelectronics

No de pièce ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Fiches technique(HTML) 53 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 49Page - STMicroelectronics ST9 Datasheet HTML 50Page - STMicroelectronics ST9 Datasheet HTML 51Page - STMicroelectronics ST9 Datasheet HTML 52Page - STMicroelectronics ST9 Datasheet HTML 53Page - STMicroelectronics ST9 Datasheet HTML 54Page - STMicroelectronics ST9 Datasheet HTML 55Page - STMicroelectronics ST9 Datasheet HTML 56Page - STMicroelectronics ST9 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 146 page
background image
53/146
ST9 USER GUIDE
being accidentally masked even in the case of a program failure. In any case, the Top Level
Interrupt uses the third fixed vector at addresses 4 and 5 in program memory. As the name im-
plies, it has a fixed priority that is higher than any other interrupt request. Though it does not
clear the IEN bit when acknowledged, unlike all other interrupt requests, its service routine
cannot be interrupted by any cause, including the Top Level Interrupt itself.
The simplified block diagram is the following:
Figure 21
. Top-Level Interrupt Simplified Block Diagram
NMI pin
Edge trigger event
selection: one bit of EIVR
Watchdog/NMI
source selection:
One bit of
CICR
Pending Bit
One bit of
NICR
Top Level Interrupt to
the core
Watchdog timer
End of Count
one bit of EIVR
Top Level not
maskable
Interrupt bit
Interrupt enable:
Two bits of
CICR
A detailed block diagram
is provided in Section 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More