Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST9 Fiches technique(PDF) 107 Page - STMicroelectronics

No de pièce ST9
Description  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 Fiches technique(HTML) 107 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 103Page - STMicroelectronics ST9 Datasheet HTML 104Page - STMicroelectronics ST9 Datasheet HTML 105Page - STMicroelectronics ST9 Datasheet HTML 106Page - STMicroelectronics ST9 Datasheet HTML 107Page - STMicroelectronics ST9 Datasheet HTML 108Page - STMicroelectronics ST9 Datasheet HTML 109Page - STMicroelectronics ST9 Datasheet HTML 110Page - STMicroelectronics ST9 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 146 page
background image
107/146
ST9 USER GUIDE
Table 9.
SCI.C Functions
4.8.2.4.2 SCI Files using DMA
The SCI function file is <sci\appli2\sci.c> and contains 4 functions that are initialized for
sending 26 bytes from the ST9 to the serial link (RS232) by using the DMA.
It uses DMA channel (from memory).
Port used:
– Tx (S0OUT) (Uses End of Transmission interrupts)
FUNCTION
DESCRIPTION AND COMMENTS
void INIT_SCI(void);
Initialization of general parameters dedicated to the SCI:
- Baud Rate Generator: 9600 bauds.
- Characters: Eight data bits, one stop bit, odd parity.
- Pins...
The baud rate generator must be initialized following this structure
(BRGHR first and BRGLR at the end).
void INIT_SCI_IT(void);
Initialization of the IT: vector, priority.
void SCI_SendByte(un-
signed char ToSend);
It sends byte ToSend to serial link.
This routine also enables end of transmission IT.
void
INTSCI_TransmitReady(voi
d);
Interrupt subroutine which occurs after the transmission of one charac-
ter.
If 10 bytes have been transferred, it disables the IT and so stops the trans-
mission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More