| Moteur de recherche de fiches techniques de composants électroniques |
|
ST9 Fiches technique(PDF) 105 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST9 Fiches technique(HTML) 105 Page - STMicroelectronics |
|
105 / 146 page ![]() 105/146 ST9 USER GUIDE The port used for this application is: – T0OUTA Table 6. APPLI2\MFT.C Functions 4.8.2.2.3 MFT files with DMA in Swap Mode The MFT function file is <mft\appli3\mft.c> and contains 6 functions that are initialized for gen- erating a PWM signal using the MFT and a DMA channel working in Swap mode. The port used for this application is: – T0OUTA Function Description and Comments void INIT_MFT(void); MFT initialization. It initializes the value loaded into the prescaler and into the counter. void START_MFT(void); Start the MFT. void STOP_MFT (void); Stop the MFT. void INIT_MFT_ITDMA(void); This function configures the IT and the DMA for the MFT. void Enable_MFTCP0_DMA (unsigned int * CompBuffer, unsigned int Count); Enable Compare0 DMA. void INTMFT_CompEOB(void); Interrupt subroutine which occurs after a compare0 DMA end of block. The DMA is not re-initialized so only one block is transferred. Same vector as compare0 interrupt. void INTMFT_OUF(void); Interrupt subroutine which occurs after an underflow. It stops the timer when the whole PWM signal has been generated. |