Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3262 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce AN3262
Description  Using the over-the-air bootloader with STM32W108 devices
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3262 Fiches technique(HTML) 5 Page - STMicroelectronics

  AN3262 Datasheet HTML 1Page - STMicroelectronics AN3262 Datasheet HTML 2Page - STMicroelectronics AN3262 Datasheet HTML 3Page - STMicroelectronics AN3262 Datasheet HTML 4Page - STMicroelectronics AN3262 Datasheet HTML 5Page - STMicroelectronics AN3262 Datasheet HTML 6Page - STMicroelectronics AN3262 Datasheet HTML 7Page - STMicroelectronics AN3262 Datasheet HTML 8Page - STMicroelectronics AN3262 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
AN3262
Bootloader command set
Doc ID 17845 Rev 2
5/27
3.1
GET command
The GET command is used to determine the version of the bootloader and the supported
commands. When the bootloader receives the GET command, it transmits the bootloader
version and the supported command codes to the host as shown in the figures below.
Figure 4.
GET command (host side)
Ai14631
Send 0x00 + 0xFF
Start Get
Wait for ACK
or NACK
Receive the number of bytes
(version+commands)
Receive the bootloader version
Receive the supported commands
Wait for ACK
or NACK
End of Get
NACK
ACK
NACK
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27