Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3262 Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce AN3262
Description  Using the over-the-air bootloader with STM32W108 devices
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3262 Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button AN3262 Datasheet HTML 13Page - STMicroelectronics AN3262 Datasheet HTML 14Page - STMicroelectronics AN3262 Datasheet HTML 15Page - STMicroelectronics AN3262 Datasheet HTML 16Page - STMicroelectronics AN3262 Datasheet HTML 17Page - STMicroelectronics AN3262 Datasheet HTML 18Page - STMicroelectronics AN3262 Datasheet HTML 19Page - STMicroelectronics AN3262 Datasheet HTML 20Page - STMicroelectronics AN3262 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
AN3262
Bootloader command set
Doc ID 17845 Rev 2
17/27
Figure 19.
GO command (host side)
Note:
1
Valid addresses for the GO command are in RAM or Flash memory. All other addresses are
considered not valid and are NACKed by the device.
2
When an application is loaded into RAM and then a jump is made to it, the program must be
configured to run with an offset to avoid overlapping with the first RAM memory used by the
bootloader firmware.
3
The jump to the application works only if the user application correctly sets the vector table
to point to the application address.
Wait for ACK
or NACK
Send 0x21 + 0xDE
NACK
ACK
NACK
ACK
Start Go
End of EER
NACK
ACK
Wait for ACK
or NACK
Wait for ACK
or NACK
Ai14639b
Send the Start Address
(4 bytes) & Checksum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27