Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3262 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce AN3262
Description  Using the over-the-air bootloader with STM32W108 devices
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3262 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button AN3262 Datasheet HTML 8Page - STMicroelectronics AN3262 Datasheet HTML 9Page - STMicroelectronics AN3262 Datasheet HTML 10Page - STMicroelectronics AN3262 Datasheet HTML 11Page - STMicroelectronics AN3262 Datasheet HTML 12Page - STMicroelectronics AN3262 Datasheet HTML 13Page - STMicroelectronics AN3262 Datasheet HTML 14Page - STMicroelectronics AN3262 Datasheet HTML 15Page - STMicroelectronics AN3262 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Bootloader command set
AN3262
12/27
Doc ID 17845 Rev 2
Figure 13.
GET ID command (device side)
1.
GID = Get ID command.
Figure 14.
GET ID packet example (unicast)
Ai14636
Send ACK byte
Start GID(1)
Received
byte = 0x02+0xFD?
Send N = number of bytes – 1
End of GID(1)
No
Yes
Send NACK byte
Send ACK byte
Send product ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27