Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3262 Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce AN3262
Description  Using the over-the-air bootloader with STM32W108 devices
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3262 Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button AN3262 Datasheet HTML 16Page - STMicroelectronics AN3262 Datasheet HTML 17Page - STMicroelectronics AN3262 Datasheet HTML 18Page - STMicroelectronics AN3262 Datasheet HTML 19Page - STMicroelectronics AN3262 Datasheet HTML 20Page - STMicroelectronics AN3262 Datasheet HTML 21Page - STMicroelectronics AN3262 Datasheet HTML 22Page - STMicroelectronics AN3262 Datasheet HTML 23Page - STMicroelectronics AN3262 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Bootloader command set
AN3262
20/27
Doc ID 17845 Rev 2
Figure 22.
WRITE MEMORY command (host side)
1.
WM = WRITE MEMORY command.
2.
N+1 should always be a multiple of 4.
Ai14641b
Wait for ACK
or NACK
Wait for ACK
or NACK
End of WM(1)
NACK
ACK
Send 0x31+0xCE
Start WM(1)
Wait for ACK
or NACK
Send the start address (4 bytes)
& checksum
Send the number of bytes to be written
(1 byte), the data (N + 1 bytes)(2) and checksum
NACK
ACK
NACK
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27