Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3262 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce AN3262
Description  Using the over-the-air bootloader with STM32W108 devices
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3262 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button AN3262 Datasheet HTML 14Page - STMicroelectronics AN3262 Datasheet HTML 15Page - STMicroelectronics AN3262 Datasheet HTML 16Page - STMicroelectronics AN3262 Datasheet HTML 17Page - STMicroelectronics AN3262 Datasheet HTML 18Page - STMicroelectronics AN3262 Datasheet HTML 19Page - STMicroelectronics AN3262 Datasheet HTML 20Page - STMicroelectronics AN3262 Datasheet HTML 21Page - STMicroelectronics AN3262 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Bootloader command set
AN3262
18/27
Doc ID 17845 Rev 2
Figure 20.
GO command (device side)
The host sends the following bytes to the STM32 device:
Byte 1:
0x21
Byte 2:
0xDE
Wait for ACK
Bytes 3 to 6:
Start address (Byte 3 is the MSB and Byte 6 is the LSB)
Byte 7:
Checksum (XOR value of Bytes 3 to 6)
The second and third ACK/NACKs are sent by the device within the same 802.15.4 packet
while the first is sent independently.
Ai14640b
Received bytes =
0x21+0xDE?
Start Go
ROP active
Send ACK byte
Send ACK byte
Receive the start address (4 bytes)
& checksum
Address valid &
checksum
OK?
Send ACK byte
Jump to user application
Send NACK byte
No
Yes
No
Yes
No
End of Go



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27