| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3262 Fiches technique(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3262 Fiches technique(HTML) 24 Page - STMicroelectronics |
|
24 / 27 page ![]() Bootloader command set AN3262 24/27 Doc ID 17845 Rev 2 Figure 26. ERASE MEMORY command (device side) 1. ER = ERASE MEMORY command. The host sends bytes to the STM32 as follows: Byte 1: 0x43 Byte 2: 0xBC Wait for ACK Byte 3: Number of pages to be erased – 1 (0 ≤ N ≤ maximum number of pages) Byte 4: N + 1 bytes (page numbers) and then checksum (XOR value of N, N+1 bytes) Ai14644c ROP active Receive the number of pages to be erased (1 byte) No Yes Start ER(1) No Received bytes = 0x43+0xBC? Send ACK byte Receive the page codes Checksum OK? Send NACK byte End of ER(1) No Yes No Yes Receive the checksum Erase the corresponding pages Send ACK byte |