| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3262 Fiches technique(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3262 Fiches technique(HTML) 14 Page - STMicroelectronics |
|
14 / 27 page ![]() Bootloader command set AN3262 14/27 Doc ID 17845 Rev 2 Figure 16. READ MEMORY command (host side) 1. RM = READ MEMORY command. Ai14637 Wait for ACK or NACK Send the start address (4 bytes) with checksum Wait for ACK or NACK End of RM(1) NACK ACK Send 0x11+0xEE Start RM(1) Send the number of bytes to be read (1 byte) and a checksum (1 byte) Wait for ACK or NACK Receive data from the BL NACK ACK NACK ACK |